Part Number Hot Search : 
20M16 GBPC1508 AS324G MCT210M M2500 S25C64 JANTX2N TNY176
Product Description
Full Text Search
 

To Download ZPD24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZPD1 THRU ZPD75
ZENER DIODES
DO-35
FEATURES
Silicon Planar Zener Diodes The Zener voltages are graded according to the international E 12 standard. Smaller voltage tolerances and other Zener voltages are available upon request.
max. .079 (2.0)
max. .150 (3.8)
min. 1.083 (27.5)
Cathode Mark
min. 1.083 (27.5)
These diodes are also available in the Mini-MELF case with the type designation ZMM1 ... ZMM75.
max. .020 (0.52)
MECHANICAL DATA
Case: DO-35 Glass Case Weight: approx. 0.13 g
Dimensions are in inches and (millimeters)
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table "Characteristics") Power Dissipation at Tamb = 25C Junction Temperature Storage Temperature Range Ptot Tj TS 500(1) 175 - 55 to +175 mW C C
NOTES: (1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air
RthJA
-
-
0.3(1)
C/W
NOTES: (1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature.
1/20/99
ZPD1 THRU ZPD75
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Dynamic Resistance Zener Voltage at IZ = 5 mA Type ZPD1 ZPD2.7 ZPD3 ZPD3.3 ZPD3.6 ZPD3.9 ZPD4.3 ZPD4.7 ZPD5.1 ZPD5.6 ZPD6.2 ZPD6.8 ZPD7.5 ZPD8.2 ZPD9.1 ZPD10 ZPD11 ZPD12 ZPD13 ZPD15 ZPD16 ZPD18 ZPD20 ZPD22 ZPD24 ZPD27 ZPD30 ZPD33 ZPD36 ZPD39 ZPD43 ZPD47 ZPD51 ZPD56 ZPD62 ZPD68 ZPD75
NOTES: (1) Tested with pulses tp = 5 ms
(3) (1)
VZ (V) 0.7 ... 0.8 2.5 ... 2.9 2.8 ... 3.2 3.1 ... 3.5 3.4 ... 3.8 3.7 ... 4.1 4.0 ... 4.6 4.4 ... 5.0 4.8 ... 5.4 5.2 ... 6.0 5.8 ... 6.6 6.4 ... 7.2 7.0 ... 7.9 7.7 ... 8.7 8.5 ... 9.6 9.4 ... 10.6 10.4 ... 11.6 11.4 ... 12.7 12.4 ... 14.1 13.8 ... 15.6 15.3 ... 17.1 16.8 ... 19.1 18.8 ... 21.2 20.8 ... 23.3 22.8 ... 25.6 25.1 ... 28.9 28 ... 32 31 ... 35 34 ... 38 37 ... 41 40 ... 46 44 ... 50 48 ... 54 52.0 ... 60.0(4) 58.0 ... 66.0(4) 64.0 ... 72.0(4) 70.0 ... 79.0(4)
at IZ = 5 mA f = 1 kHz rzj () 6.5 (< 8) 75 (< 83) 80 (< 95) 80 (< 95) 80 (< 95) 80 (< 95) 80 (< 95) 70 (< 78) 30 (< 60) 10 (< 40) 4.8 (< 10) 4.5 (< 8) 4 (< 7) 4.5 (< 7) 4.8 (< 10) 5.2 (< 15) 6 (< 20) 7 (< 20) 9 (< 25) 11 (< 30) 13 (< 40) 18 (< 50) 20 (< 50) 25 (< 55) 28 (< 80) 30 (< 80) 35 (< 80) 40 (< 80) 40 (< 90) 50 (< 90) 60 (< 100) 70 (< 100) 70 (< 100) < 135(4) < 150(4) < 200(4) < 250(4)
at IZ = 1 mA f = 1 kHz rzj () < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < < 50 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 700 750 750 1000(5) 1000(5) 1000(5) 1500(5)
Temp. Coeff. of Zener Voltage at IZ = 5 mA vz (10-4/K) -26 ... -23 -9 ... -4 -9 ... -3 -8 ... -3 -8 ... -3 -7 ... -3 -6 ... -1 -5 ... +2 -3 ... +4 -2 ... +6 -1 ... +7 +2 ... +7 +3 ... +7 +4 ... +7 +5 ... +8 +5 ... +8 +5 ... +9 +6 ... +9 +7 ... +9 +7 ... +9 +8 ... +9.5 +8 ... +9.5 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +10 ... +12 +10 ... +12 +10 ... +12 +10 ... +12 typ. +10(4) typ. +10(4) typ. +10(4) typ. +10(4)
Reverse Voltage at IR = 100 nA VR (V) - - - - - - - - > 0.8 >1 >2 >3 >5 >6 >7 > 7.5 > 8.5 >9 > 10 > 11 > 12 > 14 > 15 > 17 > 18 > 20 > 22.5 > 25 > 27 > 29 > 32 > 35 > 38 - - - -
Admissible Zener current(2) at Tamb = 45C IZ (mA) 280 135 117 109 101 92 85 76 67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8 7 6 6 - - - - at Tamb = 25C IZ (mA) 340 160 140 130 120 110 100 90 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 - - - -
(2) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature (3) The ZPD1 is a silicon diode operated in forward direction. Hence, the subscript of all parameters should be "F" instead of "Z". Connect the cathode terminal to the negative pole (4) at IZ = 2.5 mA (5) at IZ = 0.5 mA
RATINGS AND CHARACTERISTIC CURVES ZPD1 THRU ZPD75
RATINGS AND CHARACTERISTIC CURVES ZPD1 THRU ZPD75
RATINGS AND CHARACTERISTIC CURVES ZPD1 THRU ZPD75
RATINGS AND CHARACTERISTIC CURVES ZPD1 THRU ZPD75
RATINGS AND CHARACTERISTIC CURVES ZPD1 THRU ZPD75
RATINGS AND CHARACTERISTIC CURVES ZPD1 THRU ZPD75


▲Up To Search▲   

 
Price & Availability of ZPD24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X